Part Number Hot Search : 
LA2120M P8632 M63806KP N82S10 LNA2901L 13003H1 LT347 BQ883
Product Description
Full Text Search
 

To Download 15SMC68A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NE
W
1.5SMC6.8A THRU 1.5SMC200A
v
Central
DESCRIPTION
TM
Semiconductor Corp.
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
The CENTRAL SEMICONDUCTOR 1.5SMC6.8A Series types are Surface Mount Uni-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Bi-directional devices, please refer to the 1.5SMC6.8CA Series data sheet.
SMC CASE
ey i db pcf Sei
BREAKDOWN VOLTAGE
MAXIMUM RATINGS (TA=25C ) SYMBOL Peak Power Dissipation Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature ELECTRICAL CHARACTERISTICS (TA=25C )
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO. MAXIMUM REVERSE LEAKAGE MAXIMUM REVERSE SURGE CURRENT MAXIMUM REVERSE VOLTAGE @IRSM MAXIMUM TEMP. COEFFICIENT MARKING CODE
UNITS 1500 200 -65 to +150 W A C
PPM IFSM TJ,Tstg
VBR
VOLTS MIN NOM 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 MAX 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0
@IT
REVERSE VOLTAGE
VRWM
mA 10 10 10 1 1 1 1 1 1 1 1 1 VOLTS 5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1
@VRWM IR mA
1000 500 200 50 10 5 5 5 5 5 5 5
IRSM
A 143 132 124 112 103 96 90 82 71 67 59.5 54
VRSM VOLTS
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7
%/C 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 C6V8A C7V5A C8V2A C9V1A C10A C11A C12A C13A C15A C16A C18A C20A
1.5SMC6.8A 1.5SMC7.5A 1.5SMC8.2A 1.5SMC9.1A 1.5SMC10A 1.5SMC11A 1.5SMC12A 1.5SMC13A 1.5SMC15A 1.5SMC16A 1.5SMC18A 1.5SMC20A
6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0
80
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO. MAXIMUM REVERSE LEAKAGE MAXIMUM REVERSE SURGE CURRENT MAXIMUM REVERSE VOLTAGE MAXIMUM TEMP. COEFFICIENT MARKING CODE
V BR
VOLTS MIN NOM 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 MAX 23.1 25.2 28.4 31.5 34.7 37.8 41 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 115.5 126 136.5 157.5 168 178.5 189 210
@IT
REVERSE VOLTAGE
@VRWM IR mA
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VRWM VOLTS
18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171
IRSM
A 49 45 40 36 33 30 28 25.3 23.2 21.4 19.5 17.7 16.3 14.6 13.3 12 11 9.9 9.1 8.4 7.2 6.8 6.4 6.1 5.5
@IRSM VRSM
VOLTS 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274 %/C 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 C22A C24A C27A C30A C33A C36A C39A C43A C47A C51A C56A C62A C68A C75A C82A C91A C100A C110A C120A C130A C150A C160A C170A C180A C200A
1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC30A 1.5SMC33A 1.5SMC36A 1.5SMC39A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC62A 1.5SMC68A 1.5SMC75A 1.5SMC82A 1.5SMC91A 1.5SMC100A 1.5SMC110A 1.5SMC120A 1.5SMC130A 1.5SMC150A 1.5SMC160A 1.5SMC170A 1.5SMC180A 1.5SMC200A
20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 104.5 114 123.5 142.5 152 161.5 171 190
All Dimensions in Inches (mm).
TOP VIEW
R2
81


▲Up To Search▲   

 
Price & Availability of 15SMC68A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X